Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 9 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 9 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ETA1188
www.etasolution.com
9
Powering Minds of the Smart
TYPICAL PERFOMANCE CHARATERISTICS (cont’)
Start-up no load, VOUT = 12V, VIN = 4.2V
Start-up, ROUT = 8Ω, VOUT = 12V, VIN = 4.2V
Shutdown, ROUT = 9Ω, VOUT = 9V, VIN = 4.2V
Shutdown, ROUT = 9Ω, VOUT = 12V, VIN = 4.2V
I2C VOUT step up 5V to 9V, IOUT = 1A, VIN = 4.2V
I2C VOUT step down 9V to 5V, IOUT = 1A, VIN = 4.2V
500us/div
PMID
5V/div
ILX
5A/div
EN
5V/div
VOUT
5V/div
500us/div
PMID
5V/div
ILX
5A/div
EN
5V/div
VOUT
5V/div
10ms/d
iv
VOUT
5V/div
ILX
2A/div
EN
2V/div
10ms/d
iv
VOUT
5V/div
ILX
2A/div
EN
2V/div
50us/div
PMID
5V/div
ILX
2A/div
SCL
5V/div
VOUT
5V/div
50us/div
PMID
5V/div
ILX
2A/div
SCL
5V/div
VOUT
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com