Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 13 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 13 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ETA1188
www.etasolution.com
13
Powering Minds of the Smart
PCB RECOMMENDATION
Please always put PMID capacitor closet to the PMID pins and PGND pins, with wires directly connected to the PMID
and PGND pins. DONOT connect the negative terminal of PMID capacitor to the ground plane, while the PGND pins
are also connected to the ground pin. As such PMID capacitor serves as the input capacitor of switching charger, and
if the capacitor is connected to the PGND pins thru ground plane, 2 serial vias (capacitor to ground plane and ground
plane to PGND pins) are introduced, which means a serial parasitic inductor is placed between the input capacitor and
the real input pins. And thus, the decoupling function of such input capacitor is compromised, a lot of switching noise
may no longer be filtered by the input capacitor and leads to instability of the switching charger. Please also draw wide
enough metal for VIN, VOUT and GND because current through each wire will be huge. Otherwise, it will affect to load
regulation or input supply dropping. And just next to the PMID capacitor, VOUT capacitors must be placed, should not
be far from PMID capacitors.
Following illustration shows the correct way to place the PMID, and VOUT capacitor.
1
2
3
4
5
15
14
13
12
11
20
19
18
17
16
6
7
8
9
10
VOUT
PMID
SW
SW
SCL
BOOT
VOUT
PMID
SW
VIN
ISET
VOUT
PMID
SW
22 uF
10 uF
22 uF
22 uF
ETA1188
10uF
22 uF
22 uF
Top Layer
Bottom Layer
Via
VOUT
GND
VIN
GND
GND
Figure 3: ETA1188 PCB Recommendation
PACKAGE OUTLINE
FCQFN3x3-20
SYMBOL MIN TYP MAX
TOTAL THICKNESS
A
0.5 0.55 0.6
STAND OFF
A1
0 0.02 0.05
MOLD THICKNESS
A2
--- 0.4 ---
L/F THICKNESS
A3
0.152 REF
LEAD WIDTH
b
0.15 0.2 0.25
BODY SIZE
X
D
3 BSC
Y
E
3 BSC
LEAD PITCH
e
0.4 BSC
EP SIZE
X
D1
0.2 0.3 0.4
D2
0.2 0.3 0.4
D3
1.17 1.27 1.37
Y
E1
0.02 0.12 0.22
LEAD LENGTH
L1
0.3 0.4 0.5
LEAD TIP TO EXPOSED
PAD EDGE
K
0.63 REF
K1
0.71 REF
EXPOSED PAD TO
EXPOSED PAD EDGE
K2
0.3 REF
K3
0.3 REF
PACKAGE EDGE
TOLERANCE
aaa
0.1
MOLD FLATNESS
ccc
0.1
COPLANARITY
eee
0.08
LEAD OFFSET
bbb
0.1
D
Pin 1
Coner
E
B
C
TOP VIEW
C
aaa
BOTTOM VIEW
5
6
1
20
1
20
15
16
11
C
fff
A B
C
fff
A B
20 x L
10
K1
K2
K3
4 x E1
EXPOSED DIE
ATTACH PAD
PIN 1 I.D.
K
C
bbb
A B
M
D1
D2
20 x b
A2
A
A3
A1
SIDE VIEW
SEATING PLANE
C
aaa
2 x D3
C
fff
A B
C
eee
A
C
fff
A B
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com