Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA1188 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ETA1188
www.etasolution.com
4
Powering Minds of the Smart
LOGIC PINS, EN, SDA, SCL
Input Current
2Meg resistor from
EN to GND, VEN =
1V.
1
μA
logic high voltage
1.2
V
logic low voltage
0.4
V
POWER FETS
PMID to OUT Switch On
Resistance
RQ1
20
mΩ
Highside Switch On
Resistance
RQ2
18
mΩ
Lowside Switch On
Resistance
RQ3
14
mΩ
SW Leakage Current
SW_LKG
VOUT = 9V,
VFB=1.5V,VSW=0 or
9V, VEN=GND
10
μA
INTERNAL VOUT SETTING
VOUT ramping slew rate
VOUT_SLEW
SLEW[1:0] = 00
18
mV/μs
SLEW[1:0] = 01
9
SLEW[1:0] = 10
4.5
SLEW[1:0] = 11
2.25
Internal VOUT setting
range
VOUT_INT
VOREG_INT[ ] = 1
3.6
12
V
Internal VOUT current
limit range
ILIM_INT
IOREG_INT[ ] = 1
500
4000
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com