Electronic Components Datasheet Search
  English  ▼

X  

ETA1188 Datasheet(PDF) 10 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1188
Description  10A Input, 9V/3A or 12V/2A Output BOOST Converter with True-Shutoff
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1188 Datasheet(HTML) 10 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA1188 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA1188 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ETA1188
www.etasolution.com
10
Powering Minds of the Smart
FUNCTION DESCRIPTION
START-UP
ETA1188 is enabled when all following conditions occur:
•
EN pin is asserted logic high
•
VIN voltage is above VIN_UVLO
•
VIN voltage is below VIN_OVP
Once enabling conditions are provided, a start-up is allowed to operate without VOUT_UVP and VOUT_OCP
protections in 4ms before a HICCUP protection is enabled to protect part from output short.
Q1 will be enabled same time with BOOST function. Q1 is controlled to operate differently in two modes, depending
on the magnitude of the output VOUT versus the input VIN.
•
VOUT is lower than VIN: Q1 operates with its current limit to limit VOUT output current at about 80% of full
VOUT current limit which is set by ISET resistor. In this mode, PMID is regulated to VIN+1. BOOST will stop
switching if PMID voltage is above PMID_OVP level.
•
VOUT is greater than VIN: Q1 FET gate will be driver to its maximum voltage. BOOST will sense the current
through Q1 and control the limit. Q1 FET will be disabled if FB voltage is above VFB_OVP level.
OUTPUT VOLTAGE REGULATION
An external feedback net is used to set the regulation level of the BOOST. FB pin is input of the error amplifier will be
regulated at 1.2V.
Voltage regulation loop is compensated internally.
BOOST PFM/PWM OPERATION
ETA1188 Use IMIN to determine PFM. Inductor current is required to be greater than IMIN each cycle. In the condition
output current is small, load is below IMIN energy, it will bring VOUT a little bit higher than regulation, ETA1188 will skip
switching until VOUT fall below regulation level.
NEGATIVE INDUCTOR CURRENT PROTECTION
Beside PFM operation to improve efficiency when output current is low, ETA1188 also detects negative inductor current
in discontinuous mode, then turn off high side FET Q2 judiciously. Finally, efficiency is improved on whole discontinuous
mode.
OUTPUT CURRENT LIMIT AND SWITCHING CURRENT PROTECTION
ETA1188 BOOST regulator is integrated constant output current regulation that provides very accurate output current.
Though, at low output condition output current limit is controlled by Q1 to avoid “boost current run away” condition.
Anyway, switching inductor peak current is always limited at 12A (typically).
Output current is determined by following rule:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com