Electronic Components Datasheet Search
  English  ▼

X  

ETA3001 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA3001 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ETA3001
www.eta-semi.com
3
Empower, Transcend, Achieve!
ETA3001 Rev 1.2
acknowledgment timer
accepted after TALLOW
when enter CHECK
state.
TCHECK
Maximum unbalance checking timer
IC get back to
sleeping mode if don’t
detect unbalance
after TCHECK
7.68
mS
TDONE
Finishing Timer
Maximum switching
skip before enter
sleep mode
62
mS
VKICK
Unbalance detection threshold
Balancing only work if
OVP>VBATP>UVLO
and VKICK Detected
between 2 cells
100
mV
VERROR
Balancing Accuracy
Error voltage between
2 cells after balancing
finish
-70
70
mV
BALANCE CONTROLLER
FREQ
Switching Frequency
PWM Clock
1
MHz
IAVERAGE
Average Inductor current Regulation RS = 50mΩ
1
A
IPRECOND
Precondition current Regulation
RS = 50mΩ
100
mA
BATTERY PROTECTION
TOP_OVP
Top Cell over voltage protection
threshold
V(BATP-BATC) Rising
5
V
TOP_OVP_HYST TOP_OVP hysteresis
V(BATP-BATC)Falling
350
mV
BOT_OVP
Bottom Cell over voltage protection
threshold
V(BATC-BATN) Rising
5
V
BOT_OVP_HYST BATC_OVP hysteresis
V(BATC-BATN) Falling
350
mV
TOP_PRECOND Top battery precondition threshold
V(BATP-BATC) Rising
2.8
V
TOP_PREC_HYS
T
TOP_PRECOND hysteresis
V(BATP-BATC) Falling
150
mV
BOT_PRECOND
Bottom battery precondition
threshold
V(BATC-BATN) Rising
2.8
V
BOT_PREC_HYS
T
BOT_PRECOND hysteresis
V(BATC-BATN) Falling
150
mV
BALANCE PROTECTION
TOP_ILIM
Top cell drive current limit
DOWN direction:
V(BATP-BATC)> V(BATC-BATN)
4.5
A
BOT_ILIM
Lower cell drive current limit
UP direction:
V(BATP-BATC)< V(BATC-BATN)
4.5
A
THERMAL SHUTDOWN
TSD
Thermal shutdown
160
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com