Electronic Components Datasheet Search
  English  ▼

X  

ETA3001 Datasheet(PDF) 8 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet(HTML) 8 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA3001 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ETA3001
www.eta-semi.com
8
Empower, Transcend, Achieve!
ETA3001 Rev 1.2
The ETA3001 timing diagram for state machine is shown in following figure.
Figure 4: Timing Profile
UNBALANCE DETECTION
When state is in CHECK State, ETA3001 detects VKICK difference between 2 cells to enter BALANCE State.
If the top cell voltage is higher, balancing will be “DOWN”, meaning discharge the top cell to charge to
bottom cell. And if the bottom cell voltage is higher, balancing will be “UP”, meaning discharge the bottom
cell to charge to top cell.
BALANCING PROFILE
ETA3001 balancing always starts with “Constant Current
Regulation” phase since it is always with high voltage
difference. Constant current is set by RISET.
When the detected difference at IC pin is almost zero, but due
to battery equivalent series resistance, real difference is not
zero, then current is not immediately zero but reduced slowly
depend on battery capacitance. This condition is called
“Current Dimming” phase.
When two cell voltages are equal, balancing current becomes
almost zero, when this persist for a time period of TDONE, the
balancing finishes one cycle, and ETA3001 goes back to
SLEEP State.
Figure 5:
Balancing Profile
PROTECTION
ETA3001 provides full protection to batteries that extend the life time of the batteries:
➢
Short and Low Voltage Protection: When either of the cell voltage below VPRECOND, maximum
balancing current will be re-defined to 10% of the level set by ISET pin resistor.
➢
Open and Over Voltage Protection: When either of the cell voltage is greater than VOVP, ETA3001
will stop balancing, and go back to SLEEPING. Part will wake up after TSLEEP.
➢
Thermal Shutdown: When part gets hotter than 160oC, ETA3001 will stop balancing, and go back
to SLEEPING. Part will wake up after TSLEEP.
➢
Current Limit Protection: Maximum of the peak of inductor current is allowed to 5.5A.
nUVLO and
EN
2s TIMER
TCHECK
BALANCING
DONE
TSLEEP
TSLEEP
Constant
Current
Current
Dimming
Skip
TDONE
Delta Voltage
(At IC pin Measurement)
TDONE
Constant Current
Current Dimming
Inductor Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com