Electronic Components Datasheet Search
  English  ▼

X  

ETA3001 Datasheet(PDF) 12 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet(HTML) 12 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA3001 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ETA3001
www.eta-semi.com
12
Empower, Transcend, Achieve!
ETA3001 Rev 1.2
PACKAGE OUTLINE
Package: DFN2x2-8
Symbol
Dimensions In
Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.203 REF
0.008 REF
D
1.924
2.076
0.076
0.082
E
1.924
2.076
0.076
0.082
D1
1.100
1.300
0.043
0.051
E1
0.500
0.700
0.020
0.028
k
0.200 MIN
0.008 MIN
b
0.200
0.300
0.008
0.012
e
0.500 TYP
0.020 TYP
L
0.274
0.426
0.011
0.017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com