Electronic Components Datasheet Search
  English  ▼

X  

ETA3001 Datasheet(PDF) 11 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet(HTML) 11 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA3001 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 12Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 13Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ETA3001
www.eta-semi.com
11
Empower, Transcend, Achieve!
ETA3001 Rev 1.2
PCB DESIGN GUIDELINE
In an UP case that bottom cell voltage is greater than top cell voltage, bottom cell becomes input and top
cell becomes output of the switching regulation. In a DOWN case that top cell voltage is greater than bottom
cell voltage, top cell becomes input and bottom cell becomes output. These mean parallel battery capacitors
are always output capacitor or input capacitor for regulator. So please require to locate as close as possible
to IC pins to minimize series resistance.
Please try to get the order of battery pins are BATP – BATC – BATN to make an easy battery connection.
1
2
3
4
8
7
6
5
BATP
HGATE
SW
LGATE
BATC
ISET
BIAS
BATN
ETA3001
GND
10nF
Rs
1uH
100Ω
10uF
BATP
BATC
BATN
Via
Top Layer
Bottom Layer
D
G
S
D
G
S
10uF
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com