Electronic Components Datasheet Search
  English  ▼

X  

ETA3001 Datasheet(PDF) 7 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA3001
Description  Inductive Cell Balancer IC with Balancing Current Up to 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA3001 Datasheet(HTML) 7 Page - ETA SOLUTIONS CO. LIMITED

Back Button ETA3001 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 10Page - ETA SOLUTIONS CO. LIMITED ETA3001 Datasheet HTML 11Page - ETA SOLUTIONS CO. LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ETA3001
www.eta-semi.com
7
Empower, Transcend, Achieve!
ETA3001 Rev 1.2
TYPICAL PERFORMANCE CHARACTERISTICS Cont’d
(TA=25
C, unless otherwise specified)
VTOP plug-out, UP Condition, RS = 50mΩ,
VBOT = 4.3V, VTOP = 3.5V
VBOT plug-out, UP Condition, RS = 50mΩ,
VBOT = 4.3V, VTOP = 3.5V
FEATURE DESCRIPTION
The ETA3001 is a battery cell balancer with lossless inductive architecture based on ETA’s proprietary
technology. The technology is developed by ETA Solutions and any copy without ETA‘s agreement will be
forbidden.
During operation, ETA3001 detects the difference between 2 cells then start balancing if the difference
exceeds VKICK. Once detected VKICK, ETA3001 will discharge the higher voltage cell, store that discharging
energy in the inductor then charge that energy to the lower voltage cell. ETA3001 keeps balancing until
there is no difference between 2 cells.
ETA3001 technology allows balancing in either charge or discharge phases of the battery with minimized
loss.Without unbalanced condition, ETA3001 operates in sleep mode with low supply current. This is an
advantage to extend battery pack life time.
STATE MACHINE
The ETA3001 provides a completed state machine
that controls whole operation intelligently. With this
state machine, ETA3001 is equipped with self-
protection from any accident during balancing. It also
keeps the part stay asleep as much as possible until
unbalance detected.
ETA3001 always starts from CHECK state when
battery is plugged in.
Any fault always forces ETA3001 back to SLEEP
State where ETA3001 burns only 2µA (typically) from
BATP.
Figure 3:
State Machine Diagram
SLEEP
STATE
CHECK
STATE
BALANCE
STATE
TSLEEP
Expired
TCHECK
Expired
TALLOW Expired and
Unbalance Detected
TSD or OVP
Skipping and
TDONE Expired
VBATP < UVLO
Any State
SW
BATP
BATC
ISW
SW
BATP
BATC
ISW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com