Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 19 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 19 Page - ABB

Back Button F200AC Datasheet HTML 15Page - ABB F200AC Datasheet HTML 16Page - ABB F200AC Datasheet HTML 17Page - ABB F200AC Datasheet HTML 18Page - ABB F200AC Datasheet HTML 19Page - ABB F200AC Datasheet HTML 20Page - ABB F200AC Datasheet HTML 21Page - ABB F200AC Datasheet HTML 22Page - ABB F200AC Datasheet HTML 23Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
System
pro M compact ®
Supplementary devices
Technical Data
Signal contact/auxiliary switch S2C-S/H6R and auxiliary switch S2C – H6R according to EN 62019
rated current I
th:
10 A
min. rated voltage U
Bmin:
24 V ~, 24 V ...
min. rated operational current:
5 VA
short-circuit withstand capacity:
230 V~ 1000 A with S 201 K 4
insulation coordination:
according to DIN VDE 0110 Parts 1 and 2
– overvoltage category:
III
– surge voltage:
4 kV (1.2/50
µs)
– pollution degree:
2
connection cross section:
0.75 ... 2.5 mm2 (up to 2 x 1.5 mm2)
tightening torque:
1.2 Nm max.
contact stability in vibration test
according to DIN IEC 68-2-6-:
5 g, 20 sweep cycles 5 ... 150 ... 5 Hz
at 24 VAC/DC, 5 mA automatic reclosing < 10 ms
mech. service life:
10 000 operations
The minimum rated operational current value applies in the case of operation and environmental conditions according to
EN 60 204-1/1998 and EN 60 439-1/2000 if installed indoors and in clean ambient air: 24 VAC/DC, 5 mA (AC-12, DC-12)
1.2 Auxiliary switch type S2C-H6R
Description
The simple auxiliary switch without test functionality is appropriate for applications where it is only necessary to indicate the contact
position of the circuit-breaker.
Up to three S2C-H6R can be butt-mounted, including combinations with the signal contact/auxiliary switch SC2-S/H6R.
Installation and technical data
the same as for signal contact/auxiliary switch SC2-S/H6R, see preceding page and above.
Installation and technical data
the same as for signal contact/auxiliary switch SC2-S/H6R, see preceding page and above.
2. Shunt trip S2C-A
Description
For distance tripping of the MCB. The shunt release has a relay coil with an integrated contact which disconnects the coil and the coil
voltage if the MCB trips, this prevents the flow of current in the case of sustained coil voltage.
Technical data
type:
S2C - A1
S2C - A2
service voltage:
12 ... 60 V
110 ... 415 VAC and 110 ... 250 VDC
AC 14
DC 12
DC 13
U
e
400 V
230 V
I
e
1 A
2 A
U
e
220 V
110 V
I
e
1 A
1.5 A
U
e
60 V
24 V
U
e
1.5 A
4 A
STOTZ-Shunt trip with automatic disconnecting within 10 milliseconds UB = Un + 10 – 30 %
UB
IBmax
UB
IBmax
S2C-A1
12 VDC
2.2 A
S2C-A2
110 VDC
0.35 A
12 VAC
2.5 A
110 VAC
0.5 A
24 VDC
4.5 A
220 VDC
1.1 A
24 VAC
5 A
230 VAC
1.0 A
60 VDC
14 A
415 VAC
2.7 A
60 VAC
8.8 A
UB = operating voltage
IBmax = operating current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com