Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 24 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 24 Page - ABB

Back Button F200AC Datasheet HTML 20Page - ABB F200AC Datasheet HTML 21Page - ABB F200AC Datasheet HTML 22Page - ABB F200AC Datasheet HTML 23Page - ABB F200AC Datasheet HTML 24Page - ABB F200AC Datasheet HTML 25Page - ABB F200AC Datasheet HTML 26Page - ABB F200AC Datasheet HTML 27Page - ABB F200AC Datasheet HTML 28Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
24
System
pro M compact ®
Load capability depending on the feed point
bar cross section
10 mm2
16 mm2
max. busbar current IS/phase
63 A
80 A
max. current in branch IE/phase
100 A
130 A*
* If the device is fed via the device terminal, ensure that - irrespective of the current carrying capacity (I
S) of the busbar -
the following values are not exceeded:
For devices up to and including 40 A I
n max. 110 A and for 50/63 A In max. 140 A.
Description
The newly developed pro M compact cross wiring busbar system includes everything that is needed for secure and economic connections
of distribution build-in devices of the series S 200 and F 200.
The optimised quick fastener of the S 200 series, F 200 , when used together with the System pro M compact cross wiring busbars, makes
removing and inserting devices a quick and easy job, and the cross wiring of other devices remains in place, at that.
Busbars are supplied ready-to-use and in standard lengths, time-consuming cutting to length or end caps are no longer required.
MCBs and RCCBs of the customary System pro M technology can also be easily cross-wired with the new System pro M compact busbars.
Technical data
specifications:
VDE 0660 Part 500, DIN EN 60439-1: 1994 test surge voltage: (1,2/50)
6,2 kV
busbar material:
SF-Cu F 24
short-circuit withstand capacity: 25 kA
insulating profile material:
plastic, temperature resistant
90 °C
climatic resistance:
constant climate L23/83; 40/92
flame-retardant, self-extinguishing
55/20 according to DIN 50 015
dioxine- and halogene-free
humid heat, 28 cycles
(
IEC 68 Part 2 - 30)
busbar cross section:
10 mm2
insulation coordination:
acc. to VDE 0110 Part 1
April 1997 (IEC 664)
max. operating voltage:
440 V
- overvoltage category:
III
rated surge voltage:
4 kV
- pollution degree:
2
incoming supply
incoming supply
at the beginning of the
within the busbar
busbar
or centre-fed
If the device is centre-fed (see picture to the right), ensure that the combined outgoing currents a1 ...an per branch do not exceed the max. busbar
current IS/phase referred to above.
Busbars for
series S 200, S 200 M, F 200, FS 201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com