Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 22 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 22 Page - ABB

Back Button F200AC Datasheet HTML 18Page - ABB F200AC Datasheet HTML 19Page - ABB F200AC Datasheet HTML 20Page - ABB F200AC Datasheet HTML 21Page - ABB F200AC Datasheet HTML 22Page - ABB F200AC Datasheet HTML 23Page - ABB F200AC Datasheet HTML 24Page - ABB F200AC Datasheet HTML 25Page - ABB F200AC Datasheet HTML 26Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
System
pro M compact ®
Residual-current-operated circuit-breakers
F 200 series/FS 201
Installation and operation instructions
Installation
Can be installed in any mounting position due to snap-on fixing to DIN rails EN 50 022, 35 mm width.
A If RCD F 200/FS 201 is installed without cross-wiring , hinge the upper part into the DIN rail and push to let the lower part of the device snap
into place (1). The device is released in the reverse order, after the quick fastener has been removed with a screw driver (2).
B To release RCD F 200/FS 201 that are cross-wired with System pro M compact busbars, first remove the clamping screws. Then, pull the
lower part of the F 200/FS 201 forwards (1) and lift it straight up (1a), then, the quick fastener will recede (1b).
C The busbar is deallocated and the RCD F 200/FS 201 can be pulled out by lifting the device forwards (2).
D The cross-wiring is re-inserted in the reverse order. First, open the clamping screws and pull out the quick fastener until it locks into place
for the first time (3). Then, take the RCD F 200/FS 201 and insert it with the rear terminal side onto the pins of the System pro M compact
busbar (4), turn it into the direction of the DIN rail (4a) and shift it vertically downwards (4b), to let the quick fastener snap back into place
(4c).
Attention: Do not forget to re-tighten the clamping screws.
Connection
Feeder optional, top or bottom. Ensure that conductors are con-
nected correctly and firmly.
If the 4-pole RCCB is operated as a 2-pole RCCB, use terminals
5 and 7 or, as the case may be, 6 and 8 to make sure that the
test button function of the RCCB is working. In the case of a
three-phase system with Un = 127/230 V (without neutral N),
terminals 4 and 8 must be bridged.
Operation
F 200/FS 201 is switched ON or OFF with the blue operating
lever.
C Removal when
pro M compact
cross wiring
remains in place
pro M compact
busbar
pro M compact
busbar
quick
fastener
D Insertion when
pro M compact
cross wiring
remains in place
A Assembly,
disassembly
without
pro M compact
cross wiring
B Detaching when
pro M compact
cross wiring
remains in place
snap on
release
pro M compact
busbar
pin
pin
Operating test
To test proper functioning, press the blue test button when the device is switched ON, the RCCB must trip immediately (the knob jumps into
the „0“ switching position).
It is necessary to test the RCD halfyearly, if no other regional or user specified additional test are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com