Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 29 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 29 Page - ABB

Back Button F200AC Datasheet HTML 25Page - ABB F200AC Datasheet HTML 26Page - ABB F200AC Datasheet HTML 27Page - ABB F200AC Datasheet HTML 28Page - ABB F200AC Datasheet HTML 29Page - ABB F200AC Datasheet HTML 30Page - ABB F200AC Datasheet HTML 31Page - ABB F200AC Datasheet HTML 32Page - ABB F200AC Datasheet HTML 33Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
33
System
pro M compact ®
1
No. of
rated
order details
bbn
price
price
w'ght
pack.
poles
current
40 16779
1 piece
group
1 pc.
unit
In A
type code
order code
EAN
€
kg
pc.
0.5
S 201-D 0.5
2CDS 251 001 R0981
52993 8
0.125
10/40
1
S 201-D 1
2CDS 251 001 R0011
52994 5
1.6
S 201-D 1.6
2CDS 251 001 R0971
52995 2
2
S 201-D 2
2CDS 251 001 R0021
52996 9
3
S 201-D 3
2CDS 251 001 R0031
52997 6
4
S 201-D 4
2CDS 251 001 R0041
52998 3
6
S 201-D 6
2CDS 251 001 R0061
52999 0
8
S 201-D 8
2CDS 251 001 R0081
53000 2
10
S 201-D 10
2CDS 251 001 R0101
53001 9
13
S 201-D 13
2CDS 251 001 R0131
53002 6
16
S 201-D 16
2CDS 251 001 R0161
53003 3
20
S 201-D 20
2CDS 251 001 R0201
53004 0
25
S 201-D 25
2CDS 251 001 R0251
53005 7
32
S 201-D 32
2CDS 251 001 R0321
53006 4
40
S 201-D 40
2CDS 251 001 R0401
53007 1
50
S 201-D 50
2CDS 251 001 R0501
55199 1
63
S 201-D 63
2CDS 251 001 R0631
55200 4
0.5
S 202-D 0.5
2CDS 252 001 R0981
53048 4
0.250
5/20
1
S 202-D 1
2CDS 252 001 R0011
53049 1
1.6
S 202-D 1.6
2CDS 252 001 R0971
53050 7
2
S 202-D 2
2CDS 252 001 R0021
53051 4
3
S 202-D 3
2CDS 252 001 R0031
53052 1
4
S 202-D 4
2CDS 252 001 R0041
53053 8
6
S 202-D 6
2CDS 252 001 R0061
53054 5
8
S 202-D 8
2CDS 252 001 R0081
53055 2
10
S 202-D 10
2CDS 252 001 R0101
53058 3
13
S 202-D 13
2CDS 252 001 R0131
53060 6
16
S 202-D 16
2CDS 252 001 R0161
53061 3
20
S 202-D 20
2CDS 252 001 R0201
53063 7
25
S 202-D 25
2CDS 252 001 R0251
53064 4
32
S 202-D 32
2CDS 252 001 R0321
53065 1
40
S 202-D 40
2CDS 252 001 R0401
53066 8
50
S 202-D 50
2CDS 252 001 R0501
55203 5
63
S 202-D 63
2CDS 252 001 R0631
55204 2
0.5
S 203-D 0.5
2CDS 253 001 R0981
53081 1
0.375
3/12
1
S 203-D 1
2CDS 253 001 R0011
53082 8
1.6
S 203-D 1.6
2CDS 253 001 R0971
53083 5
2
S 203-D 2
2CDS 253 001 R0021
53084 2
3
S 203-D 3
2CDS 253 001 R0031
53085 9
4
S 203-D 4
2CDS 253 001 R0041
53086 6
6
S 203-D 6
2CDS 253 001 R0061
53088 0
8
S 203-D 8
2CDS 253 001 R0081
53089 7
10
S 203-D 10
2CDS 253 001 R0101
53090 3
13
S 203-D 13
2CDS 253 001 R0131
53091 0
16
S 203-D 16
2CDS 253 001 R0161
53092 7
20
S 203-D 20
2CDS 253 001 R0201
53093 4
25
S 203-D 25
2CDS 253 001 R0251
53094 1
32
S 203-D 32
2CDS 253 001 R0321
53095 8
40
S 203-D 40
2CDS 253 001 R0401
53096 5
50
S 203-D 50
2CDS 253 001 R0501
55205 9
63
S 203-D 63
2CDS 253 001 R0631
55206 6
0.5
S 204-D 0.5
2CDS 254 001 R0981
53112 2
0.500
2
1
S 204-D 1
2CDS 254 001 R0011
53113 9
1.6
S 204-D 1.6
2CDS 254 001 R0971
53114 6
2
S 204-D 2
2CDS 254 001 R0021
53115 3
3
S 204-D 3
2CDS 254 001 R0031
53116 0
4
S 204-D 4
2CDS 254 001 R0041
53117 7
6
S 204-D 6
2CDS 254 001 R0061
53118 4
8
S 204-D 8
2CDS 254 001 R0081
53119 1
10
S 204-D 10
2CDS 254 001 R0101
53120 7
13
S 204-D 13
2CDS 254 001 R0131
53121 4
16
S 204-D 16
2CDS 254 001 R0161
53122 1
20
S 204-D 20
2CDS 254 001 R0201
53123 8
25
S 204-D 25
2CDS 254 001 R0251
53129 0
32
S 204-D 32
2CDS 254 001 R0321
53130 6
40
S 204-D 40
2CDS 254 001 R0401
53131 3
50
S 204-D 50
2CDS 254 001 R0501
55209 7
63
S 204-D 63
2CDS 254 001 R0631
55210 3
D
Selection table
Miniature circuit-breakers
S 200 series
S 200-D
2
3
4
suitable for flow-type heaters 12 kW
suitable for flow-type heaters 21, 24 and 27 kW
suitable for flow-type heaters 18 kW
UBmax 125 V ... with 2 poles connected in series
UBmax
440 V
60 V ...
UBmax
440 V
125 V ...
UBmax
440 V
UBmax
440 V
125 V ...
6000
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com