Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 35 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 35 Page - ABB

Back Button F200AC Datasheet HTML 27Page - ABB F200AC Datasheet HTML 28Page - ABB F200AC Datasheet HTML 29Page - ABB F200AC Datasheet HTML 30Page - ABB F200AC Datasheet HTML 31Page - ABB F200AC Datasheet HTML 32Page - ABB F200AC Datasheet HTML 33Page - ABB F200AC Datasheet HTML 34Page - ABB F200AC Datasheet HTML 35Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
52
System
pro M compact ®
ABB STOTZ-KONTAKT GmbH
P.O. Box 10 16 80, 69006 Heidelberg, Germany
Eppelheimer Straße 82, 69123 Heidelberg, Germany
Telephone: +49 (0) 62 21 701- 0
Fax: +49 (0) 62 21 701-723
www.abb.de/stotz-kontakt
Approvals and certifications
by classification societies
MCB’s and RCB’s
Type
Approvals
Ship classification associatons
Sign of
comformity
BD 6
Code
SEV
DEMKO NEMKO SEMKO
EL.
CSA
KEMA
ÖVE
CEBEC
UTE
VDE
BV
GL
LRS
DNV
Inspect.
Valid for
CH
DK
N
S
SF
CDN
USA
NL
A
B
F
D
F
D
GB
N
277/480 V~
S 200, B, C
1 – 4 pole
í
í
S 200 M
1 – 4 pole
í
í
F 200 - 16/25/
40 – 0.01/
0.03/0.1/
í
0.3/0.5
F 200 A, AC, S
2/4 pole
í
íííí
í
í
16…63 A
0.01…0.5 A
FS 201 B
6…40/0,03 A
ííííí
í
í
C 16/0,03
í approved
submitted for aproval/planed to be submitted
Approved variants on request
Approval not required
Back-up protection usually required.
For details contact your importer and/or inspector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com