Electronic Components Datasheet Search
  English  ▼

X  

F200AC Datasheet(PDF) 34 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 34 Page - ABB

Back Button F200AC Datasheet HTML 27Page - ABB F200AC Datasheet HTML 28Page - ABB F200AC Datasheet HTML 29Page - ABB F200AC Datasheet HTML 30Page - ABB F200AC Datasheet HTML 31Page - ABB F200AC Datasheet HTML 32Page - ABB F200AC Datasheet HTML 33Page - ABB F200AC Datasheet HTML 34Page - ABB F200AC Datasheet HTML 35Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
51
System
pro M compact ®
Areas of application
DIN VDE…
Required
F 200
F 200
F 172
F220
sensitivity
F 660
F 690
FS 200
F 804
I
nmA
F 670
In apartments
32 A
Socket-outlets up to 20 A
Outdoor lightning
installations
0100 – 739
10…30
0100 – 470
10…30
0100 – 714
10…30
F 200
F 172
F 660
FS 200
F 670
Fire protection in
high-risk or
high-danger areas
0100 – 482
10 u. 30
F 200
F 200
F 172
F 660
F 690
FS 200
F 670
Rooms with bath tub
or shower
Swimming pools
0100 – 701
10…30
0100 – 702
10…30
F 200
F 172
F 660
FS 200
F 670
Construction sites
Socket-outlet circuits
up to 32 A and other
socket-outlet circuits
0100 – 704
10…30
BG F&E
300…500
F 200
F 200
F 172
F 220
F 660
F 690
FS 200
F 804
F 670
Type B
Agricultural and
horticultural properties,
General socket-outlet
circuits
300…500
0100 – 705
10…30
F 200
F 200
F 172
F 660
F 690
FS 200
F 670
F 270
P 270
Feed points for caravans
Camp sites
0100 – 708
10…30
F 200
F 172
F 660
FS 200
F 670
Berths
Socket-outlets
0100 – 721
10…30
F 200
F 172
F 660
FS 200
F 670
Temporary buildings,
carny carriages and
caravans, Feed points
0100 – 722
30 and 300
Medical rooms
Group 1
Group 2 a
Group 2 b
at In
32 A
0100 – 710
10…30
10…30
300
F 200
F 200
F 172
F 220
F 660
F 690
FS 200
F 804
F 670
Type B
Equipment of power
installations with electronic
items I b type A,
test for type B
0160
DIN EN
4kVA 10…30
50 178
> 4kVA 300
Photovoltaics
0100 – 712 E
30
EnBW
F 220
F 802
Type B
Operating areas subject to fire hazards… VdS 2033: 2002 – 02
300 mA
S
F 200
F 200
F 172
F 660
F 690
FS 200
F 670
F 200
F 200
F 172
F 220
F 660
F 690
FS 200
F 804
F 670
Type B
RCCBs and RCBOs
and their fields of applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com