Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5502 Datasheet(PDF) 123 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 119Page - Texas Instruments TMS320VC5502 Datasheet HTML 120Page - Texas Instruments TMS320VC5502 Datasheet HTML 121Page - Texas Instruments TMS320VC5502 Datasheet HTML 122Page - Texas Instruments TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments TMS320VC5502 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 190 page
background image
www.ti.com
3.18 Notice Concerning TCK
0
4
2
1
3
0
5
10
15
-1
20
nanoseconds (ns)
2.5 V
0.6 V
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Under certain conditions, the emulation hardware may corrupt the emulation control state machine or may
cause it to lose synchronization with the emulator software. When emulation commands fail as a result of
the problem, Code Composer Studio™ Integrated Development Environment (IDE) may be unable to start
or it may report errors when interacting with the TMS320C55x™ DSP (for example, when halting the CPU,
reaching a breakpoint, etc.).
This phenomenon is observed when an erroneous clock edge is generated from the TCK signal inside the
C55x™ DSP. This can be caused by several factors, acting independently or cumulatively:
• TCK transition times (as measured between 2.4 V and 0.8 V) in excess of 3 ns.
• Operating the C55x DSP in a socket, which can aggravate noise or glitches on the TCK input.
• Poor signal integrity on the TCK line from reflections or other layout issues.
A TCK edge that can cause this problem might look similar to the one shown in Figure 3-53. A TCK edge
that does not cause the problem looks similar to the one shown in Figure 3-54. The key difference
between the two figures is that Figure 3-54 has a clean and sharp transition whereas Figure 3-53 has a
"knee" in the transition zone. Problematic TCK signals may not have a knee that is as pronounced as the
one in Figure 3-53. Due to the TCK signal amplification inside the chip, any perturbation of the signal can
create erroneous clock edges.
As a result of the faster edge transition, there is increased ringing in Figure 3-54. As long as the ringing
does not cross logic input thresholds (0.8 V for falling edges, and 2.4 V for rising edges), this ringing is
acceptable.
When examining a TCK signal for this issue, either in board simulation or on an actual board, it is very
important to probe the TCK line as close to the DSP input pin as possible. In simulation, it should not be
difficult to probe right at the DSP input. For most physical boards, this means using the via for the TCK
pad on the back side of the board. Similarly, ground for the probe should come from one of the nearby
ground pad vias to minimize EMI noise picked up by the probe.
Figure 3-53. Bad TCK Transition
Submit Documentation Feedback
Functional Overview
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com