Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 442 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 442 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 438Page - SMSC Corporation LAN9312 Datasheet HTML 439Page - SMSC Corporation LAN9312 Datasheet HTML 440Page - SMSC Corporation LAN9312 Datasheet HTML 441Page - SMSC Corporation LAN9312 Datasheet HTML 442Page - SMSC Corporation LAN9312 Datasheet HTML 443Page - SMSC Corporation LAN9312 Datasheet HTML 444Page - SMSC Corporation LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
442
SMSC LAN9312
DATASHEET
15.3
Power Consumption
This section details the power consumption of the LAN9312. Power consumption values are provided
for both the device-only, and for the device plus the Ethernet components on ports 1 and 2.
Note 15.4
Over the conditions specified in Section 15.2, "Operating Conditions**".
Note:
Power dissipation is determined by operating frequency, temperature, and supply voltage, as
well as external source/sink current requirements.
Table 15.1 Supply and Current (10BASE-T Full-Duplex)
PARAMETER
TYPICAL
(@ 3.3V)
MAXIMUM
(@ 3.6V)
UNIT
Supply current at 3.3V
(VDD33A1, VDD33A2, VDD33BIAS, VDD33IO)
165
185
mA
Power Dissipation (Device Only)
550
670
mW
Power Dissipation (Device and Ethernet components)
1245
1435
mW
Ambient Operating Temperature in Still Air (TA)25
Note 15.4
oC
Table 15.2 Supply and Current (100BASE-TX Full-Duplex)
PARAMETER
TYPICAL
(@ 3.3V)
MAXIMUM
(@ 3.6V)
UNIT
Supply current
(VDD33A1, VDD33A2, VDD33BIAS, VDD33IO)
255
295
mA
Power Dissipation (Device Only)
845
1070
mW
Power Dissipation (Device and Ethernet components)
1130
1385
mW
Ambient Operating Temperature in Still Air (TA)25
Note 15.4
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com