Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 444 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 444 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 440Page - SMSC Corporation LAN9312 Datasheet HTML 441Page - SMSC Corporation LAN9312 Datasheet HTML 442Page - SMSC Corporation LAN9312 Datasheet HTML 443Page - SMSC Corporation LAN9312 Datasheet HTML 444Page - SMSC Corporation LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation LAN9312 Datasheet HTML 447Page - SMSC Corporation LAN9312 Datasheet HTML 448Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
444
SMSC LAN9312
DATASHEET
Note 15.7
Measured at line side of transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 15.8
Offset from 16nS pulse width at 50% of pulse peak.
Note 15.9
Measured differentially.
Note 15.10
Min/max voltages guaranteed as measured with 100
Ω resistive load.
15.5
AC Specifications
This section details the various AC timing specifications of the LAN9312.
Note:
The I2C timing adheres to the Philips I2C-Bus Specification. Refer to the Philips I2C-Bus
Specification
for detailed I2C timing information.
15.5.1
Equivalent Test Load
Output timing specifications assume the 25pF equivalent test load illustrated in Figure 15.1 below.
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 15.9
Table 15.5 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 15.10
Receiver Differential Squelch Threshold
VDS
300
420
585
mV
Figure 15.1 Output Equivalent Test Load
Table 15.4 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
25 pF
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com