Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 447 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 447 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 443Page - SMSC Corporation LAN9312 Datasheet HTML 444Page - SMSC Corporation LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation LAN9312 Datasheet HTML 447Page - SMSC Corporation LAN9312 Datasheet HTML 448Page - SMSC Corporation LAN9312 Datasheet HTML 449Page - SMSC Corporation LAN9312 Datasheet HTML 450Page - SMSC Corporation LAN9312 Datasheet HTML 451Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
447
Revision 1.2 (04-08-08)
DATASHEET
15.5.4
PIO Read Cycle Timing
Please refer to Section 8.4.4, "PIO Reads," on page 106 for a functional description of this mode.
Note:
A host PIO read cycle begins when both nCS and nRD are asserted. The cycle ends when
either or both nCS and nRD are de-asserted. These signals may be asserted and de-asserted
in any order.
Figure 15.4 PIO Read Cycle Timing
Table 15.8 PIO Read Cycle Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Read Cycle Time
45
nS
tcsl
nCS, nRD Assertion Time
32
nS
tcsh
nCS, nRD De-assertion Time
13
nS
tcsdv
nCS, nRD Valid to Data Valid
30
nS
tasu
Address setup to nCS, nRD Valid
0
nS
tah
Address Hold Time
0
nS
tdon
Data Buffer Turn On Time
0
nS
tdoff
Data Buffer Turn Off Time
9
nS
tdoh
Data Output Hold Time
0
nS
tah
A[x:2], END_SEL
nCS, nRD
D[31:0]
tasu
tcycle
tcsh
tcsl
tcsdv
tdon
tdoh
tdoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com