Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 449 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 449 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation LAN9312 Datasheet HTML 447Page - SMSC Corporation LAN9312 Datasheet HTML 448Page - SMSC Corporation LAN9312 Datasheet HTML 449Page - SMSC Corporation LAN9312 Datasheet HTML 450Page - SMSC Corporation LAN9312 Datasheet HTML 451Page - SMSC Corporation LAN9312 Datasheet HTML 452Page - SMSC Corporation LAN9312 Datasheet HTML 453Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
449
Revision 1.2 (04-08-08)
DATASHEET
15.5.6
RX Data FIFO Direct PIO Read Cycle Timing
Please refer to Section 8.4.6, "RX Data FIFO Direct PIO Reads," on page 108 for a functional
description of this mode.
Note:
A RX Data FIFO direct PIO read cycle begins when both nCS and nRD are asserted. The cycle
ends when either or both nCS and nRD are de-asserted. They may be asserted and de-
asserted in any order.
Figure 15.6 RX Data FIFO Direct PIO Read Cycle Timing
Table 15.10 RX Data FIFO Direct PIO Read Cycle Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Read Cycle Time
45
nS
tcsl
CS, nRD Assertion Time
32
nS
tcsh
nCS, nRD De-assertion Time
13
nS
tcsdv
nCS, nRD Valid to Data Valid
30
nS
tasu
Address, FIFO_SEL Setup to nCS, nRD Valid
0
nS
tah
Address, FIFO_SEL Hold Time
0
nS
tdon
Data Buffer Turn On Time
0
nS
tdoff
Data Buffer Turn Off Time
9
nS
tdoh
Data Output Hold Time
0
nS
tah
A[x:2], END_SEL
nCS, nRD
D[31:0]
FIFO_SEL
tasu
tcycle
tcsl
tcsh
tdoff
tcsdv
tdon
tdoh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com