Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 451 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 451 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 447Page - SMSC Corporation LAN9312 Datasheet HTML 448Page - SMSC Corporation LAN9312 Datasheet HTML 449Page - SMSC Corporation LAN9312 Datasheet HTML 450Page - SMSC Corporation LAN9312 Datasheet HTML 451Page - SMSC Corporation LAN9312 Datasheet HTML 452Page - SMSC Corporation LAN9312 Datasheet HTML 453Page - SMSC Corporation LAN9312 Datasheet HTML 454Page - SMSC Corporation LAN9312 Datasheet HTML 455Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
451
Revision 1.2 (04-08-08)
DATASHEET
15.5.8
PIO Write Cycle Timing
Please refer to Section 8.4.8, "PIO Writes," on page 110 for a functional description of this mode.
Note:
A PIO write cycle begins when both nCS and nWR are asserted. The cycle ends when either
or both nCS and nWR are de-asserted. These signals may be asserted and de-asserted in any
order.
Figure 15.8 PIO Write Cycle Timing
Table 15.12 PIO Write Cycle Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcycle
Write Cycle Time
45
nS
tcsl
nCS, nWR Assertion Time
32
nS
tcsh
nCS, nWR De-assertion Time
13
nS
tasu
Address Setup to nCS, nWR Assertion
0
nS
tah
Address Hold Time
0
nS
tdsu
Data Setup to nCS, nWR De-assertion
7
nS
tdh
Data Hold Time
0
nS
tah
A[x:2], END_SEL
nCS, nWR
D[31:0]
tasu
tcsl
tcycle
tcsh
tdh
tdsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com