Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 448 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 448 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 444Page - SMSC Corporation LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation LAN9312 Datasheet HTML 447Page - SMSC Corporation LAN9312 Datasheet HTML 448Page - SMSC Corporation LAN9312 Datasheet HTML 449Page - SMSC Corporation LAN9312 Datasheet HTML 450Page - SMSC Corporation LAN9312 Datasheet HTML 451Page - SMSC Corporation LAN9312 Datasheet HTML 452Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
Revision 1.2 (04-08-08)
448
SMSC LAN9312
DATASHEET
15.5.5
PIO Burst Read Cycle Timing
Please refer to Section 8.4.5, "PIO Burst Reads," on page 107 for a functional description of this mode.
Note:
A host PIO burst read cycle begins when both nCS and nRD are asserted. The cycle ends
when either or both nCS and nRD are de-asserted. These signals may be asserted and de-
asserted in any order.
Note:
Fresh data is supplied each time A[2] toggles.
Figure 15.5 PIO Burst Read Cycle Timing
Table 15.9 PIO Burst Read Cycle Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcsh
nCS, nRD De-assertion Time
13
nS
tcsdv
nCS, nRD Valid to Data Valid
30
nS
tacyc
Address Cycle Time
45
nS
tasu
Address Setup to nCS, nRD Valid
0
nS
tadv
Address Stable to Data Valid
40
nS
tah
Address Hold Time
0
nS
tdon
Data Buffer Turn On Time
0
nS
tdoff
Data Buffer Turn Off Time
9
nS
tdoh
Data Output Hold Time
0
nS
A[4:2]
nCS, nRD
D[31:0]
A[x:5], END_SEL
tasu
tacyc
tacyc
tacyc
tah
tcsh
tadv
tadv
tadv
tcsdv
tdon
tdoh
tdoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com