Electronic Components Datasheet Search
  English  ▼

X  

LAN9312 Datasheet(PDF) 443 Page - SMSC Corporation

Part # LAN9312
Description  High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9312 Datasheet(HTML) 443 Page - SMSC Corporation

Back Button LAN9312 Datasheet HTML 439Page - SMSC Corporation LAN9312 Datasheet HTML 440Page - SMSC Corporation LAN9312 Datasheet HTML 441Page - SMSC Corporation LAN9312 Datasheet HTML 442Page - SMSC Corporation LAN9312 Datasheet HTML 443Page - SMSC Corporation LAN9312 Datasheet HTML 444Page - SMSC Corporation LAN9312 Datasheet HTML 445Page - SMSC Corporation LAN9312 Datasheet HTML 446Page - SMSC Corporation LAN9312 Datasheet HTML 447Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 458 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
443
Revision 1.2 (04-08-08)
DATASHEET
15.4
DC Specifications
Note 15.5
This specification applies to all IS type inputs and tri-stated bi-directional pins. Internal pull-
down and pull-up resistors add +/- 50uA per-pin (typical).
Note 15.6
XI can optionally be driven from a 25MHz single-ended clock oscillator.
Table 15.3 I/O Buffer Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
SchmittTrigger Hysteresis
(VIHT - VILT)
Input Leakage
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIN
CIN
-0.3
1.01
1.39
345
-10
1.18
1.6
420
3.6
1.35
1.8
485
10
3
V
V
V
V
mV
uA
pF
Schmitt trigger
Schmitt trigger
Note 15.5
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 8mA
IOH = -8mA
OD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8mA
O12 Type Buffer
Low Output Level
High Output Level
VOL
VOH
VDD33IO - 0.4
0.4
V
V
IOL = 12mA
IOH = -12mA
OD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12mA
ICLK Type Buffer (XI Input)
Low Input Level
High Input Level
VILI
VIHI
-0.3
1.4
0.5
3.6
V
V
Note 15.6
Table 15.4 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 15.7
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 15.7
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 15.7
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 15.7
Rise and Fall Symmetry
TRFS
--
0.5
nS
Note 15.7
Duty Cycle Distortion
DCD
35
50
65
%
Note 15.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com