| Electronic Components Datasheet Search |
|
DIO1412 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1412 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD |
|
14 / 36 page ![]() DIO1412 Version 1.0, Jul 2024 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD. 10 times. The _____ ALERT pin will remain asserted as long as an out-of-limit condition remains. Once the out-of-limit condition has been removed, the _____ ALERT pin will remain asserted until the appropriate status bits are cleared. The appropriate status bits include External faults status, High Limit status and Low Limit status bits, all of which are read clear (see section 12.10). The _____ ALERT pin can be masked by setting the MASK_ALL bit or channel mask register. Once the _____ ALERT pin has been masked, it will be deasserted and remain deasserted until the MASK_ALL bit or channel mask register is cleared by the user. No matter MASK_ALL bit or channel mask register is set or not, the status registers (see secton 11.2) will be updated normally. The _____ ALERT pin can be used as an interrupt signal or as an SMBus Alert signal, which allows an SMBus client to report an error condition to the host. One or more _____ ALERT outputs can be hard-wired together. 9.3.3. Comparator mode In the comparator mode, the _____ ALERT pin will be asserted if any of the measured temperature exceeds the programmed High Limit for the programmed number of times in a consecutive measurements. The _____ ALERT pin will remain asserted until all the measured temperatures drop below the High Limit minus the Therm Hysteresis. In the comparator mode, the _____ ALERT pin cannot be masked by MASK_ALL bit or channel mask register. The corresponding High Limit status bits will not be cleared until the _____ ALERT pin is deasserted. Once the _____ ALERT pin is deasserted, the High Limit status bits will be automatically cleared. 9.3.4. ______ THERM pin The output of the ______ THERM/ADDR pin cannot be masked. When the temperature of any channel is consecutively detected exceeding the programmed Therm Limit for the programmed number of consecutive measurements, the ______ THERM /ADDR pin will be asserted. And the ______ THERM /ADDR pin will remain asserted until the measured temperatures that cause a thermal overtemperature event drop below the programmed Therm Limit minus the Therm Hysteresis, and no other channel’s measured temperature consecutively detected exceeding the programmed Therm Limit for the programmed number of consecutive measurements. When the ______ THERM/ADDR pin is asserted, both the register Therm Limit Status bits (see section 12.8) and Status bits (see section 12.2) will be set. These bits are not read clear and will only be clear when the ______ THERM/ADDR pin is deasserted. 9.4. Open and short faults Before monitoring the temperature on each external channel, the DIO1412 checks whether the BJT on the external channel is properly connected to the DP and DN ports. The following two connections are considered to be faults: DP to DN is open; DP or DN is short to VDD. When a fault is triggered, the corresponding fault status register is set, and the _____ ALERT pin will be asserted. The 12-bit temperature reading for the corresponding channel is 0000 0000 0000. When the channel fault is detected, the corresponding channel’s Low Limit will not be checked. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |