Electronic Components Datasheet Search
  English  ▼

X  

DIO1412 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
5. Thermal Considerations
The thermal resistance determines the heat insulation property of a material. The higher the thermal
resistance is, the lower the heat loss. Accumulation of heat energy degrades the performance of
semiconductor components.
Symbol
Metric
Value
Unit
MSOP-8
DFN-8(EP)
DFN-8
RθJA
Junction-to-ambient thermal resistance
204
60
173
°C/W
6. Electrical Characteristics
VDD = 3.0 V to 3.6 V, TA = -40°C to 125°C, all typical values at TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power
VDD
Supply voltage
3.0
3.3
3.6
V
IDD
Supply current
1 conv./sec,
dynamic averaging disabled
270
µA
4 conv./sec,
dynamic averaging enabled
600
16 conv./sec,
dynamic averaging enabled
710
IDD
Standby supply current
Device in standby mode, no
SMBus communications,
______
ALERT
and
______
THERM/ADDR pins are not
asserted.
120
µA
Internal temperature monitor
Temperature inaccuracy
20°C < TA < 110°C
±0.5
±1
°C
-40°C < TA < 125°C
±1
±2
Temperature resolution
0.0625
°C
External temperature monitor
Temperature inaccuracy
20°C < TEXT < 110°C
TA = 25°C
±0.5
±1
°C
-40°C < TEXT < 125°C
TA = 25°C
±1
±2
Temperature resolution
0.0625
°C
Filter capacitor between DP and DN
CFILTER
Capacitive filter
Connected across external BJT
2.2
2.7
nF
Conversion time
tCONV
Conversion time of
all channels
Default settings
130
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com