Electronic Components Datasheet Search
  English  ▼

X  

DIO1412 Datasheet(PDF) 28 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412 Datasheet(HTML) 28 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
24
Consecutive alert/Therm settings
2
1
0
Number of consecutive out of limit
measurements
0
0
0
1 (default for CALRT [2:0])
0
0
1
2
0
1
1
3
1
1
1
4 (default for CTHRM [2:0])
0
1
0
4
1
0
0
1
0
1
1
1
0
12.12. Beta configuration registers
The Beta configuration registers are used to set or indicate external BJT type or minimum PNP Beta for the
corresponding external channels.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
25h
R/W
External channel
beta configuration
Reserved
ENABLE
BETA [2:0]
08h
Note: R = Read. W = Write.
Bit
Name
Description
7:4
Reserved
Do not use.
3
ENABLEX
0: The automatic BJT type detection and Beta Compensation function is disabled.
1: The automatic BJT type detection and Beta Compensation function is enabled. At the beginning of
every measurement, the BJT type or PNP beta will be detected and the optimal setting for the BJT will
be determined and applied. For DIO1412, the default value for ENABLE is “1”. And the BETA [2:0]
bits will be automatically updated.
2:0
BETA [2:0]
If the automatic BJT type detection and Beta Compensation function is enabled, these bits will be
updated automatically and writing to these bits will have no effect. If the automatic BJT type detection
and Beta Compensation function is disabled, the user need to set the BJT type or PNP beta range for
the each external channels. It is recommended to use the default for the beta configuration registers.
BJT type and PNP Beta values
Hex
Enable
BETA [2:0]
Minimum PNP
Beta
2
1
0
0h
0
0
0
0
0.07
1h
0
0
0
1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com