Electronic Components Datasheet Search
  English  ▼

X  

DIO1412 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
18
Addr. R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
00h
R
Internal high byte
128
64
32
16
8
4
2
1
00h
29h
R
Internal low byte
0.5
0.25
0.125
0.0625
Reserved
00h
01h
R
External channel
high byte
128
64
32
16
8
4
2
1
00h
10h
R
External channel
low byte
0.5
0.25
0.125
0.0625
Reserved
00h
Note: R = Read.
12.2. Status register
The status register reports the ADC statues and the general error conditions of all channels. Bit 7 (BUSY)
indicates that the ADC is currently converting at the time the status register is read. It may be read a “1” or a “0”.
To identify specific channels’ error conditions, it is needed to read the external fault register, or High Limit status
register, or Low Limit status register, or Therm Limit status register. Once the High Limit, or Low Limit, or Therm
Limit register has been read or cleared, all the individual status register bits are cleared and the corresponding
status register will be cleared at the same time.
Addr. Type Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
02h
R
Status
BUSY
Reserved
HIGH
LOW
FAULT
THERM
Reserved
00H
(or 80h)
Note: R = Read.
Bit
Name
Description
7
BUSY
This bit indicates whether the ADC is currently converting or not. “1” represents than ADC is currently
converting.
6:5
Reserved
Do not use.
4
HIGH
This bit will be set if any of the channel’s temperature exceeds its programmed High Limit. The
———
ALERT
pin will be asserted once this bit is set.
3
LOW
This bit will be set if any of the channel’s temperature drops below its programmed Low Limit. The
———
ALERT pin will be asserted once this bit is set.
2
FAULT
This bit will be set if any of the external channel fault is detected. The
———
ALERT pin will be asserted once
this bit is set.
1
THERM
This bit will be set if any of the channel’s temperature exceeds its programmed Therm Limit. The
_____
THERM/ADDR pin will be asserted once this bit is set.
0
Reserved
Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com