| Electronic Components Datasheet Search |
|
DIO1412 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1412 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD |
|
19 / 36 page ![]() DIO1412 Version 1.0, Jul 2024 www.dioo.com © 2024 DIOO MICROCIRCUITS CO., LTD. 15 11.2. SMBus protocol The DIO1412 supports various kind of byte protocols: Send bite, Read byte, Write byte, Receive byte and Alert response address as valid protocols. (1) Write byte: Writing one byte of data to the registers. (2) Read byte: Reading one byte of data from the registers. (3) Send byte: Setting the internal address register pointer to the correct address location. Noted that no data is transferred during the Send byte protocol. (4) Receive byte: Reading data from a register when the internal register address pointer is at the correct location via Send byte. This is used for consecutive reads of the same register. (5) Alert response address: the _____ ALERT pin output can be interpreted as interrupt or as an SMBus Alert by the host. When the _____ ALERT pin is asserted, the host will send the Alert Response Address (ARA) to the general address of 0001_100xb. The DIO1412 will respond to the ARA in two steps: send the slave address of DIO1412. Then the channel mask bit will be set and the _____ ALERT pin will be deasserted. Write Byte Protocol Start Slave Address WR ACK (1) Register Address ACK (1) Register Data ACK (1) Stop 1 -> 0 YYYY_YYY 0 0 XXh 0 XXh 0 0 ->1 Read Byte Protocol Start Slave Address WR ACK (1) Register Address ACK (1) Start Slave Address RD ACK (1) Register Data (1) NACK Stop 1 -> 0 YYYY_ YYY 0 0 XXh 0 1 -> 0 YYYY_ YYY 1 0 XXh 1 0 ->1 Send Byte Protocol Start Slave Address WR ACK (1) Register Address ACK (1) Stop 1 -> 0 YYYY_YYY 0 0 XXh 0 0 ->1 Receive Byte Protocol Start Slave Address RD ACK (1) Register Data (1) NACK Stop 1 -> 0 YYYY_YYY 1 0 XXh 1 0 ->1 Alert Response Address Protocol Start Alert Response Address RD ACK (1) Device Address (1) NACK Stop 1 -> 0 0001_100 1 0 YYYY_YYY 1 0 ->1 Note: (1) Date is sent to the host. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |