Electronic Components Datasheet Search
  English  ▼

X  

DIO1412 Datasheet(PDF) 29 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1412
Description  Beta Compensation
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1412 Datasheet(HTML) 29 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1412 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO1412 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DIO1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
25
2h
0
0
1
0
0.17
3h
0
0
1
1
0.25
4h
0
1
0
0
0.5
5h
0
1
0
1
1
6h
0
1
1
0
2
7h
0
1
1
1
NPN
8h - Fh
1
X
X
X
Auto-detection
12.13. External channel ideality factor registers
These registers are used to configure the ideality factor for the each external BJTs.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
27h
R/W
External channel
ideality factor
Reserved
IDEALITY [5:0]
12h
Note: R = Read. W = Write.
The temperature measurement accuracy for external BJT is affected by the ideality factor of BJT. Different BTJ
behaves different ideality factor. The user can program the ideality factor for the external channel to obtain the
best temperature measurement accuracy.
BJT ideality factor settings
Setting
Factor
Setting
Factor
Setting
Factor
08h
0.9869
18h
1.0079
28h
1.0291
09h
0.9882
19h
1.0092
29h
1.0304
0Ah
0.9895
1Ah
1.0105
2Ah
1.0317
0Bh
0.9908
1Bh
1.012
2Bh
1.033
0Ch
0.9921
1Ch
1.0132
2Ch
1.0343
0Dh
0.9934
1Dh
1.0146
2Dh
1.0356
0Eh
0.9947
1Eh
1.0159
2Eh
1.0369
0Fh
0.996
1Fh
1.0173
2Fh
1.0382
10h
0.9973
20h
1.0187
30h
1.0395
11h
0.9986
21h
1.02
31h
1.0408
12h
1
22h
1.0213
32h
1.0421
13h
1.0013
23h
1.0226
33h
1.0434
14h
1.0026
24h
1.0239
34h
1.0447
15h
1.0039
25h
1.0252
35h
1.046
16h
1.0053
26h
1.0265
36h
1.0473



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com