Electronic Components Datasheet Search
  English  ▼

X  

DIO7495 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7495
Description  28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7495 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7495 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DIO7495
Version 1.2, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
28 V, Over-Voltage, Over-Current Protection Load Switch
with Adjustable Current-Limit Control
Features
RRCB function
Operating input voltage range: 2.5 V to 5.5 V
Absolute rating at output voltage: 28 V
Current capability: 2.5 A
Adjustable current limit: 0.05 A to 2.5 A (Typ.)
- 0.1 A to 2.5 A with 10% accuracy
- < 0.1 A with 15% accuracy
Maximum on-resistance of 81 mΩ at 5 V input
voltage and 1 A output current at TA = 25°C
Output OVP (Typ.): 5.8 V
No output discharge during off-state
Open-drain OCP on FLAGB
Thermal shutdown
Undervoltage lockout (UVLO)
Applications
Smart phones
Tablets
Storage devices
Cameras
Portable devices
Package Information
Part Number
Package
Body Size
DIO7495
QFN-9
1.2 mm × 1.2 mm
Description
The DIO7495 load-management switch is designed
for applications that demand a highly integrated
solution. It disconnects loads powered from the DC
power rail (< 5.5 V) with high load-capacitance and
strict off-state current targets. The DIO7495 has both
over-current protection and over-voltage protection.
Unwanted reverse current from VOUT to VIN during ON
and OFF states is stopped by the real reverse-current
blocking (RRCB) function. The low off-state current
drain (< 2 μA maximum) is utilized to help meet
standby power conditions. To support a wide range of
applications in storage, such as medical, consumer,
optical, and industrial-device power management, the
input voltage will operate from 2.5 V to 5.5 V DC.
Switch control is handled by a logic input (Active
HIGH) that can interact directly with low-voltage
control signal/general-purpose input/output (GPIO)
without the assistance of an external pull-down
resistor. The DIO7495 is packaged in flip-chip
QFN1.2*1.2-9.
Simplified Schematic


Similar Part No. - DIO7495

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO74912CN28 DIOO-DIO74912CN28 Datasheet
2Mb / 68P
l3C Hub Device
Dec 2025
More results

Similar Description - DIO7495

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
Adjustable Over-Current Protection Load Switches
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
logo
PEAK electronics GmbH
PPM05-A-3R3ELF PEAK-PPM05-A-3R3ELF Datasheet
463Kb / 4P
Over Current / Over Voltage Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Will Semiconductor Ltd.
WS3221C WILLSEMI-WS3221C Datasheet
540Kb / 8P
Over-Voltage-Protection load switch with Adjustable OVLO threshold
logo
ON Semiconductor
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Kinetic Technologies.
KTS1688 KINETIC-KTS1688 Datasheet
405Kb / 11P
Low Resistance Load Switch with Current Limit Control and Over-Voltage Reverse Blocking Protection
September 2020 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com