Electronic Components Datasheet Search
  English  ▼

X  

DIO7495 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7495
Description  28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7495 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7495 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DIO7495
Version 1.2, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
5
VUVLO_HYS
UVLO hysteresis
200
mV
VT_RCB
RCB protection trip
point
VOUT - VIN
50
mV
VR_RCB
RCB protection release
trip point
VIN - VOUT
50
mV
VRCB_HYS
RCB hysteresis
100
mV
tRCB
Default RCB response
time
VIN = 5 V, VEN = HIGH/LOW
0.3
µs
IRCB
RCB current
VEN = 0 V, VOUT = 5.5 V
7
µA
tHOCP
Hard over-current
response time
Moderate over-current condition IOUT ≥ ILIM,
VOUT = 0 V, CIN = 10 μF, RSET = 10.7 kΩ
6
µs
tOCP
Over-current response
time
Moderate over-current condition IOUT ≥ ILIM,
VOUT ≤ VIN, CIN = 10 μF, RSET = 10.7 kΩ
7
µs
tOC_FLAG
Over-current flag
response time
When over-current occurs to flag pulling low
10
ms
TSD
Thermal shutdown
Shutdown threshold
150
ºC
Return from shutdown
130
Hysteresis
20
Dynamic characteristics
tDON
Turn-on delay(2,3)
VIN = 5 V, RL = 100 Ω, CL = 1 µF,
TA = 25°C, RSET = 2 kΩ
0.88
ms
tR
VOUT rise time(2,3)
1.29
ms
tON
Turn-on time(2,3)
2.17
ms
tDOFF
Turn-off delay(2,3)
0.01
ms
tF
VOUT fall time(2,3)
0.28
ms
tOFF
Turn-off time(2,3)
0.29
ms
Note:
(1) Characterization based on 1% tolerance resistor.
(2) Guaranteed by design; not production tested.
(3) tDON/tDOFF/tR/tF are defined in the Timing Diagram below, tON = tR + tDON, tOFF = tF + tDOFF.
(4) Specifications subject to change without notice.
Figure 1. Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com