Electronic Components Datasheet Search
  English  ▼

X  

DIO7495 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7495
Description  28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7495 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7495 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIO7495
Version 1.2, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
9.1. Application example
9.2. Input capacitor
Place a capacitor between the GND and VIN pins to restrict the voltage drop on the input supply created by
the transient inrush current when the switch turns on into a discharge load capacitor; to limit the voltage
drop in high-current applications, implement a high-value capacitor on CIN.
9.3. Output capacitor
Place an output capacitor between VOUT and GND pins to prevent parasitic board inductance from forcing
VOUT below GND when the switch is on. Using an output capacitor also provides the additional benefit of
preventing reverse inrush current from causing a voltage spike that could be detrimental to the device in
the case of a VOUT short.
9.4. Fault reporting
OC_FLAGB signals the fault by activating LOW when it detects an over-current.
9.5. Current limiting
Current limit prevents the current from going over the maximum set value and does not limit the minimum
value. Using the external resistor connected to the ISET pin to determine the current that the part limits.
Information regarding resistor selection is found in Table 1. Until thermal shutdown occurs, the device acts
as a constant-current source when the load draws more than the maximum value set by the device. Once
the die temperature is within the threshold temperature, the device will recover. When the output voltage is
below 0.7 V, the current limiting value will decrease, thereby protecting the chip.
9.6. Undervoltage lockout (UVLO)
If the input voltage drops below the lockout threshold, the undervoltage lockout will activate to turn the
switch off. The switch will be enabled if the input voltage rises above the undervoltage lockout threshold
while the EN pin is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com