Electronic Components Datasheet Search
  English  ▼

X  

DIO7495 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7495
Description  28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7495 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7495 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DIO7495
Version 1.2, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
9.7. Real reverse-current blocking (RRCB)
Regardless of whether the load switch is on or off, the real reverse-current blocking function protects the
input source against the current flow from output to input.
9.8. Thermal shutdown
A thermal shutdown occurs when the switch turns off to protect the die from internally or externally
generated temperature that exceeds over-temperature conditions. The switch will turn back on as soon as
the temperature of the die cools down and is within the threshold temperature.
9.9. Setting current limit
Using the external resistor connected between the ISET and GND pins to set the current limit. Use Table 1
to select the resistor. Resistor tolerance of 1% or less is recommended.
Table 1. Current limit setting by RSET(1)
RSET (Ω)
Min current limit (mA)
Typ current limit (mA)
Max current limit (mA)
510
1793
1992
2191
604
1494
1660
1826
680
1337
1485
1634
820
1102
1224
1346
1000
907
1008
1109
1200
748
831
914
1500
596
662
728
2000
450
500
550
2200
413
459
505
2490
364
405
445
3000
303
336
370
3300
276
306
337
4020
226
251
276
5110
179
199
218
8200
110
123
135
10000
80
94
109
15000
57
67
77
18000
47
56
64
20000
43
50
58
Note:
(1) Table values based on 1% tolerance resistor.
(2) For settings under 100 mA, tolerance is ±15% with 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com