Electronic Components Datasheet Search
  English  ▼

X  

DIO7495 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7495
Description  28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7495 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO7495 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO7495 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DIO7495
Version 1.2, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
4
6. Electrical Characteristics
VIN = 2.5 V to 5.5 V; typical values are at VIN = 5 V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min Typ Max Unit
Basic operation
VIN
Input voltage
2.5
5.5
V
IQ(OFF)
Off supply current
VEN = GND, VOUT = Open
0.5
2
µA
ISD(OFF)
Shutdown current
VIN = 5.5 V, VOUT = 0 V, VEN = GND
0.5
2
µA
IQ
Quiescent current
IOUT = 0 mA
65
100
µA
RON
On resistance
VIN = 5.0 V, IOUT = 1 A
70
mΩ
VIN = 3.7 V, IOUT = 1 A
75
VIN = 5.0 V, IOUT = 1.5 A
70
mΩ
VIH
EN input logic HIGH
voltage
VIN = 2.5 V to 5.5 V
0.8
V
VIL
EN input logic LOW
voltage
VIN = 2.5 V to 5.5 V
0.35
V
VIL_FLAG
FLAGB output logic
LOW voltage
VIN = 5 V, ISINK = 10 mA
0.1
0.2
V
VIN = 2.5 V, ISINK = 10 mA
0.15
0.3
IFLAGB_LK
FLAGB output HIGH
leakage current
VIN = 5 V, switch on
1
µA
IEN
En input leakage
VEN = 0 V to VIN
1
µA
REN_PD
Pull-down resistance at
EN pin
VIN = 2.5 to 5.5 V, VEN = HIGH
18
MΩ
Over-voltage protection
VOUT_OVP
Output OVP lockout
VOUT rising threshold
5.5
5.8
6
V
VOUT falling threshold
5.7
VOUTOVP_HYS Output OVP hysteresis
VOUT falling threshold
0.1
V
tOVP (2)
OVP response time
IOUT = 0.5 A, CL = 1 µF, TA = 25°C,
VOUT from 5.5 V to 6.0 V
0.2
μs
Over-current protection
ILIM
Current limit
VIN = 5 V, RSET = 20 kΩ,
VOUT = 1.68 to 5 V with 15% accuracy(1)
43
50
58
mA
VIN = 5 V, RSET = 2 kΩ,
VOUT = 1.68 to 5 V with 10% accuracy(1)
450
500
550
VIN = 5 V, RSET = 1 kΩ
VOUT = 1.68 to 5 V with 10% accuracy(1)
907
1008 1109
VIN = 5 V, RSET = 402 Ω,
VOUT = 1.68 to 5 V, with 10% accuracy(1)
2250 2500 2750
VUVLO
Under–voltage lockout
VIN increasing
2.4
V
VIN decreasing
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com