Electronic Components Datasheet Search
  English  ▼

X  

CON950 Datasheet(PDF) 6 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 6 Page - Clarke International

Back Button CON950 Datasheet HTML 2Page - Clarke International CON950 Datasheet HTML 3Page - Clarke International CON950 Datasheet HTML 4Page - Clarke International CON950 Datasheet HTML 5Page - Clarke International CON950 Datasheet HTML 6Page - Clarke International CON950 Datasheet HTML 7Page - Clarke International CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
9. Do not pull the planer backward over the workpiece. Loss of control can
occur.
10. Do not put your fingers or any objects into the shavings exhaust port or
clean out shavings while the tool is running. Contact with blade will cause
injury.
11. Remove the plug from the power source if it becomes necessary to remove
woodchips. The blades are hidden from view and you may be cut if the
blade is touched.
12. Do not use dull or damaged blades. Sharp blades must be handled with
care. Damaged blades can snap during use. Dull blades require more
force to push the tool, possibly causing the blade to break.
SAFETY SYMBOLS
Read instruction manual before use
Wear safety glasses
Wear ear defenders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com