Electronic Components Datasheet Search
  English  ▼

X  

CON950 Datasheet(PDF) 16 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 16 Page - Clarke International

Back Button CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International CON950 Datasheet HTML 17Page - Clarke International CON950 Datasheet HTML 18Page - Clarke International CON950 Datasheet HTML 19Page - Clarke International CON950 Datasheet HTML 20Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
9. Tighten the clamping screws using
the blade wrench, ensuring that
all three screws are tightened
evenly.
10. Repeat steps 2 - 9 for the
installing/changing the second
blade. It is important to reverse or
replace the two blades at the
same time so they are balanced
with one another. Both blades
must be set to the same cutting
level and alignment, otherwise
the planed surface will be rough
and uneven.
MAINTENANCE AND SERVICING
CLEANING
• Keep the planer clean of any wood chips, dust, dirt or debris.
• Ventilation openings must be kept clean and free of foreign matter.
• The planer can be cleaned most effectively with compressed dry air.
Always wear safety goggles when cleaning power tools with
compressed air.
CAUTION: TIGHTEN ALL CLAMPING SCREWS CAREFULLY WHEN
ATTACHING THE BLADES TO THE PLANER. A LOOSE CLAMPING SCREW
CAN BE EXTREMELY DANGEROUS. CHECK REGULARLY TO MAKE SURE
THAT ALL SIX CLAMPING SCREWS ARE TIGHTENED SECURELY.
WARNING: MAKE SURE THAT THE PLANER IS TURNED OFF AND
UNPLUGGED FROM THE POWER SOURCE BEFORE CLEANING AND
MAINTENANCE OPERATIONS.
WARNING: REFER TO YOUR CLARKE DEALER IF INTERNAL MAINTENANCE IS
NECESSARY.
WARNING: CERTAIN CLEANING AGENTS AND SOLVENTS DAMAGE
PLASTIC PARTS. SOME OF THESE ARE: GASOLINE, CARBON
TETRACHLORIDE, CHLORINATED CLEANING SOLVENTS, AMMONIA AND
HOUSEHOLD DETERGENTS THAT CONTAIN AMMONIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com