Electronic Components Datasheet Search
  English  ▼

X  

CON950 Datasheet(PDF) 15 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 15 Page - Clarke International

Back Button CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International CON950 Datasheet HTML 16Page - Clarke International CON950 Datasheet HTML 17Page - Clarke International CON950 Datasheet HTML 18Page - Clarke International CON950 Datasheet HTML 19Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4. Hold the blade drum in place and
carefully slide out the blade.
• You can also use a wooden
block to push the blade out of
the blade drum.
5. Clean out all foreign matter
adhering to the blade drum and
the blade using a brush or
compressed air.
6. Each planer blade has two
cutting edges and can be
reversed when one of the cutting
edges becomes dull or chipped.
• If one edge is dull, reverse the
blade.
• If both edges are dull, remove the old blade and replace it with a new
one.
7. Slide the blade with the good side
exposed into the blade retainer of
the blade drum.
• Make sure the blade is
positioned in the center of the
blade drum.
• The flat side of the blade must
be facing the front of the
planer and the ridged side of
the blade must be facing the
back of the planer.
8. The blades must be mounted so that the cutting edge is absolutely level
(parallel to the surface of the rear shoe). Check that both ends of the
blade protrude evenly from the blade retainer of the blade drum.
NOTE: The planed surface will end up rough and uneven if blades are
not set correctly or securely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com