Electronic Components Datasheet Search
  English  ▼

X  

CON950 Datasheet(PDF) 9 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 9 Page - Clarke International

Back Button CON950 Datasheet HTML 5Page - Clarke International CON950 Datasheet HTML 6Page - Clarke International CON950 Datasheet HTML 7Page - Clarke International CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
USING THE SAFETY KICKSTAND
The safety kickstand on the rear of
the planer swings down to help keep
the blade from touching the
workbench when the planer is not
being used.
The kickstand is designed to swing up
and out of the way when the back of
the planer crosses the leading edge
of the workpiece.
DUST EXTRACTION
The wood shavings can be set to flow from either side of the tool to suit the
task at hand.
1. Set the extraction guide switch to
point towards the extraction port
that you wish the chips to flow
towards.
2. If desired, you can connect your
planer to a suitable dust
extraction system through the
extraction port, the dust
extraction hose adaptor
(included) may be needed
depending on the size of your
extraction hose.
WARNING: SHAVINGS MAY JAM IN THE DUST EXTRACTION PORT WHEN
CUTTING DAMP WOOD. DO NOT INSERT YOUR FINGER INTO THE DUST
EXTRACTION PORT. CLEAN OUT THE SHAVINGS WITH A STICK, BUT ONLY
WHEN THE BLADE HAS STOPPED RUNNING AND THE TOOL HAS BEEN
DISCONNECTED FROM THE POWER SOURCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com