Electronic Components Datasheet Search
  English  ▼

X  

CON950 Datasheet(PDF) 11 Page - Clarke International

Part # CON950
Description  110 MM ELECTRIC PLANER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CON950 Datasheet(HTML) 11 Page - Clarke International

Back Button CON950 Datasheet HTML 7Page - Clarke International CON950 Datasheet HTML 8Page - Clarke International CON950 Datasheet HTML 9Page - Clarke International CON950 Datasheet HTML 10Page - Clarke International CON950 Datasheet HTML 11Page - Clarke International CON950 Datasheet HTML 12Page - Clarke International CON950 Datasheet HTML 13Page - Clarke International CON950 Datasheet HTML 14Page - Clarke International CON950 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
USING THE PLANER
1. Secure the workpiece to a stable platform.
2. Hold the planer firmly with both
hands.
3. Rest the front shoe flat on the
workpiece surface, ensuring that
the blades do not make contact
with the workpiece.
4. Switch the planer ON and wait for
the blades to reach full speed.
5. Move the planer gently forward
along the grain of the wood.
Apply pressure on the front of the
planer at the beginning of the
stroke and at the rear of the
planer towards the end of the
stroke.
NOTE: The feed rate and the depth
of cutting determine the quality of the finish. Reduce the depth of
the cut to achieve a smoother finish.
6. Push the planer beyond the edge of the workpiece without tilting it
downwards.
7. Turn off the planer and wait for the blade to stop before setting the planer
down.
WARNING: WEAR SAFETY GOGGLES AT ALL TIMES. USE EAR PROTECTION
SUCH AS PLUGS OR EAR DEFENDERS DURING EXTENDED PERIODS OF
OPERATION. WEAR A DUST MASK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com