Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74134 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
Block Diagram
Figure 4. Block Diagram
Typical Applications
Figure 5. Typical Application Example
Application Information
The DIO74134 can be used in level conversion applications for interfacing devices or systems operating under
different interface voltages.
Design Requirements
Table 1 lists the design requirements of the DIO74134.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
1.08V to 3.6V
Output Voltage Range
1.08V to 3.6V
Detailed Design Procedure
To begin the design process, determine the following:
Input voltage range
Use the power supply voltage of the device driving the DIO74134 device to determine the input voltage
range. For a valid logic-high, the value must exceed the VIH of the input port. For a valid logic low the value
must be less than the VIL of the input port.
Output Voltage range
Use the power supply voltage of the device driven by the DIO74134 device to determine the output voltage
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com