Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74134 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Rating
Unit
VCCA ,VCCB
Supply Voltage
–0.3 to 4
V
VI
Input Voltage
–0.5 to 4.6
V
VO
Voltage applied to any output in the high-impedance or power-off state
–0.5 to 4.6
V
VO
Voltage applied to any output in the high or low state
–0.5 to 4.6
V
IIK
Input clamp current, VI < 0V
-50
mA
IOK
Output clamp current, VO < 0V
-50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA or GND
±100
mA
Tstg
Storage temperature
-65 to 150
°C
TJ
Operating junction temperature
150
°C
ESD
Human Body Mode
8000
V
Latch-up
400
mA
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them
or designing to Absolute Maximum Ratings.
Symbol
Parameter
VCCA
VCCB
Min.
Typ.
Max.
Unit
VCCA
Supply Voltage
1.08
3.6
V
VCCB
Supply Voltage
1.08
3.6
V
VIH
High-level input Voltage
1.08V to 1.95V
1.08V to 3.6V
0.65*
VCCA
V
2.3V to 2.7V
1.08V to 3.6V
1.6
3V to 3.6V
1.08V to 3.6V
2
VIL
Low-level input Voltage
1.08V to 1.95V
1.08V to 3.6V
0.35*
VCCA
2.3V to 2.7V
1.08V to 3.6V
0.7
3V to 3.6V
1.08V to 3.6V
0.9
Δt/Δv
Input transition rise or fall rate
1.08V to 3.6V
1.08V to 3.6V
200
ns/V
TA
Operating free-air temperature
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com