Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
Physical Dimensions: SC70-5
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
NOM
MAX
A
0.85
-
1.05
A1
0
-
0.10
A2
0.80
0.90
1.00
A3
0.47
0.52
0.57
b
0.22
-
0.29
b1
0.22
0.25
0.28
c
0.115
-
0.15
c1
0.115
0.13
0.14
D
2.02
2.07
2.12
E
2.20
2.30
2.40
E1
1.25
1.30
1.35
e
0.65BSC
e1
1.30BSC
L
0.28
0.33
0.38
L1
0.50REF
L2
0.15BSC
R
0.10
-
-
R1
0.10
-
0.25
Θ
0°
-
8°
Θ1
6°
9°
12°
Θ2
6°
9°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com