Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
Detailed Description
Overview
The DIO74134 is a unidirectional, single-bit, dual-supply, noninverting Voltage-level translator. Refer to the pin A
of VCCA to receive the signal that will be translated. Refer to the pin B of VCCB to receive the signal that will be
translated. Both supply pins VCCA and VCCB support a Voltage range from 1.08V to 3.6V.
Fully Configurable Dual-Rail Design
Both VCCA and VCCB can be power at any Voltage from 1.08V to 3.6V, making the device suitable for switching
between any of the Voltage nodes (1.08V, 1.2V, 1.8V, 2.5V, and 3.3V).
Partial-Power-Down Mode Operation
The Ioff circuit disables the output, preventing destructive current flow back when the device is powered off. This
may happen in applications where the system is partially powered down to reduce power consumption.
VCC Isolation
The VCC isolation feature ensures that if either VCCA or VCCB are at GND (or < 0.4V), both ports A and B are set to
a high-impedance state, thereby preventing the wrong logic level from appearing on any bus.
Device Functional Modes
Table 2 lists the functional modes of the DIO74134.
Table 2. Function Table
INPUT
OUTPUT
A PORT
B PORT
L
L
H
H
Power Supply Recommendations
Connect ground before applying either VCCA or VCCB. There is no specific power sequence requirement for the
DIO74134. VCCA or VCCB may be powered up first, and VCCA or VCCB may be powered down first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com