Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74134 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
AC Electrical Characteristics
TA = -40℃ to 105℃, 1.08V ≤ VCCA ≤ 3.6V, 1.08V ≤ VCCB ≤ 3.6V; (unless otherwise noted). The max value of the item is guaranteed
by design.
Symbol
Parameter
Conditions
VCCA
VCCB
Min
Typ
Max
Unit
TPLH/
TPHL
Propagation
delay time
low-to-high output
/high-to-low
output
CL = 5pF
1.08V
1.08V
17.5
ns
1.2V
13.4
1.65V
10.1
2.3V
8.8
3V
8.4
1.2V
1.08V
24.6
1.2V
17.3
1.65V
11.1
2.3V
9.3
3V
8.8
1.65V
1.08V
23.1
1.2V
15.8
1.65V
9.6
2.3V
7.8
3V
7.1
2.3V
1.08V
22.5
1.2V
15.2
1.65V
9.1
2.3V
7.1
3V
6.4
3V
1.08V
22.3
1.2V
14.7
1.65V
8.8
2.3V
6.9
3V
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com