Electronic Components Datasheet Search
  English  ▼

X  

DIO74134 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74134 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
DC Electrical Characteristics
TA= -40°C to 105°C, 1.08V ≤ VCCA ≤ 3.6V, 1.08V ≤ VCCB ≤ 3.6V; (unless otherwise noted)
Symbol
Parameter
Conditions
VCCA
VCCB
Min.
Typ.
Max.
Unit
VOH
High-level
output Voltage
VI =VIH
IOH = –100µA
1.08V to 3.6V
1.08V to 3.6V
VCCB –
0.2
V
VI =VIH
IOH = –0.25mA
1.08V
1.08V
0.75 *
VCCB
V
VI =VIH
IOH = –1.5mA
1.2V
1.2V
1
V
VI =VIH
IOH = –2mA
1.65V
1.65V
1.32
V
VI =VIH
IOH = –3mA
2.3V
2.3V
1.9
V
VI =VIH
IOH = –6mA
3V
3V
2.72
V
VOL
Low-level
output Voltage
VI =VIL
IOL= 100µA
1.08V to 3.6V
1.08V to 3.6V
0.1
V
VI =VIL
IOL= 0.25mA
1.08V
1.08V
0.1
V
VI =VIL
IOL= 1.5mA
1.2V
1.2V
0.3 *
VCCB
V
VI =VIL
IOL= 2mA
1.65V
1.65V
0.31
V
VI =VIL
IOL= 3mA
2.3V
2.3V
0.31
V
VI =VIL
IOL= 6mA
3V
3V
0.31
V
II
Input leakage
current
VI =VCCA or GND
1.08V to 3.6V
1.08V to 3.6V
±1
µA
Ioff
Off-state
current
A or B port
0V
0V to 3.6V
±5
µA
VI or
VO = 0 to 3.6V
0V to 3.6V
0V
±5
µA
ICCA+
ICCB
Combined
supply
current
VI =VCCI or
GND,
IO = 0 mA
25℃
1.08V to 3.6V
1.08V to 3.6V
3.7
µA
Full
20
µA
ICCA
VCCA
supply
current
VI =VCCI or GND,
IO = 0 mA
1.08V to 3.6V
1.08V to 3.6V
5
µA
1.08V to 3.6V
VCCA
2
µA
0V
0V to 3.6V
1
µA
0V to 3.6V
0V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com