Electronic Components Datasheet Search
  English  ▼

X  

SFEC5 Datasheet(PDF) 8 Page - Clarke International

Part # SFEC5
Description  PETROL PRESSURE WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SFEC5 Datasheet(HTML) 8 Page - Clarke International

Back Button SFEC5 Datasheet HTML 4Page - Clarke International SFEC5 Datasheet HTML 5Page - Clarke International SFEC5 Datasheet HTML 6Page - Clarke International SFEC5 Datasheet HTML 7Page - Clarke International SFEC5 Datasheet HTML 8Page - Clarke International SFEC5 Datasheet HTML 9Page - Clarke International SFEC5 Datasheet HTML 10Page - Clarke International SFEC5 Datasheet HTML 11Page - Clarke International SFEC5 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW DECRIPTIONS
NO DESCRIPTION
NO DESCRIPTION
1
Air Filter - Protects the engine by
filtering dust and debris out of the
intake air.
11 Spray Gun - Controls the application
of water onto the cleaning surface
with trigger. Includes safety latch.
2
Fuel Tank - Fill the tank with
regular unleaded petrol. Always
leave room for fuel expansion.
12 Spray Nozzles - 0/15/25/40 degree
and detergent nozzle for various high
pressure cleaning applications
3
Choke Lever - Prepares a cold
engine for starting.
13 Engine Exhaust
4
Fuel Valve - Used to turn fuel on
and off to engine.
14 Pressure Adjusting Knob - To
raise and reduce the pressure by
turning this knob.
5
Throttle Lever - Sets the engine
in starting mode for recoil starter.
15 Shipping Plug - The pump is
shipped with a shipping plug to pre-
vent oil leaking during transportation.
Replace with the attached pump
breather plug/dipstick before using.
6
Recoil Starter - Use for starting
the engine manually.
16 Detergent Injector - Used to
syphon detergent or other pressure
washer detergents into the low
pressure stream.
7
Ignition Switch - Set this switch
to ‘ON’ before using the recoil
starter. Set switch to ‘OFF’ to switch
off engine.
17 Water Outlet - To connect to the
high pressure hose.
8
Oil Filler Cap - Fill the engine with
oil here.
18 Water Inlet with Filter Screen -
Connect garden hose here. Always
have the filter screen present.
9
Gun Lance with Quick Connect
- Attach the spray nozzles on to it.
19 Pump Head Built with Thermal
Relief System.
10 High Pressure Hose - Connect
one end to the water pump and the
other end to the spray gun.
20 Detergent Tank - 3 Litre Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com