Electronic Components Datasheet Search
  English  ▼

X  

SFEC5 Datasheet(PDF) 12 Page - Clarke International

Part # SFEC5
Description  PETROL PRESSURE WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SFEC5 Datasheet(HTML) 12 Page - Clarke International

Back Button SFEC5 Datasheet HTML 8Page - Clarke International SFEC5 Datasheet HTML 9Page - Clarke International SFEC5 Datasheet HTML 10Page - Clarke International SFEC5 Datasheet HTML 11Page - Clarke International SFEC5 Datasheet HTML 12Page - Clarke International SFEC5 Datasheet HTML 13Page - Clarke International SFEC5 Datasheet HTML 14Page - Clarke International SFEC5 Datasheet HTML 15Page - Clarke International SFEC5 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
IMPORTANT: The engine is supplied without any oil in it and must be
filled to the correct level before use, see below.
ADD ENGINE OIL
1. Turn the oil filler cap/dipstick
anti-clockwise and remove it
from the oil filler tube.
2. Wipe the oil filler cap/dipstick
with a clean cloth.
3. Insert the oil filler cap/dipstick
back into the oil filler tube and
then remove it again. Do not
screw it in when doing this.
4. If the oil is at the low mark, fill
the oil reservoir to the edge of
the oil filler hole.
NOTE: Oil Type: SAE10W40
NOTE: Max. Quantity: 600ml
5. Replace the oil filler cap/dipstick.
WARNING: TO CARRY OUT THIS CHECK, PLACE THE PRESSURE
WASHER ON LEVEL GROUND WITH THE ENGINE SWITCHED OFF.
WARNING: TAKE CARE NOT TO TOUCH ANY HOT PARTS OF THE
PRESSURE WASHER WHEN CHECKING THE OIL LEVELS.
WARNING: RUNNING THE ENGINE WITH INSUFFICIENT OIL WILL CAUSE
ENGINE DAMAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com