Electronic Components Datasheet Search
  English  ▼

X  

SFEC5 Datasheet(PDF) 9 Page - Clarke International

Part # SFEC5
Description  PETROL PRESSURE WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SFEC5 Datasheet(HTML) 9 Page - Clarke International

Back Button SFEC5 Datasheet HTML 5Page - Clarke International SFEC5 Datasheet HTML 6Page - Clarke International SFEC5 Datasheet HTML 7Page - Clarke International SFEC5 Datasheet HTML 8Page - Clarke International SFEC5 Datasheet HTML 9Page - Clarke International SFEC5 Datasheet HTML 10Page - Clarke International SFEC5 Datasheet HTML 11Page - Clarke International SFEC5 Datasheet HTML 12Page - Clarke International SFEC5 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY
Your pressure washer requires some assembly before it is ready for use. You will require
the following tools:
• Open Ended Spanner: 10mm
• Open Ended Spanner: 14mm
• Open Ended Spanner: 17mm
UNPACKING
1. Set the carton on a rigid, flat surface. Remove all loose parts and packing.
2. Leave pressure washer in the carton.
3. Using a box cutter, open the carton completely by cutting the four corners
allowing the sides to lay flat.
4. Leave the pressure washer on the carton while you install the wheels and rubber
feet.
FITTING THE WHEELS
1. Fit the axles into the axle sockets
as shown. Secure with the nuts
and washers supplied,
WARNING: PRESSURE WASHER IS HEAVY. DO NOT ATTEMPT TO
LIFT AND REMOVE THE PRESSURE WASHER UNIT FROM THE
CARTON WITHOUT ASSISTANCE FROM ANOTHER PERSON OR
UNPACK AS INSTRUCTED BELOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com