Electronic Components Datasheet Search
  English  ▼

X  

SFEC5 Datasheet(PDF) 28 Page - Clarke International

Part # SFEC5
Description  PETROL PRESSURE WASHER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SFEC5 Datasheet(HTML) 28 Page - Clarke International

Back Button SFEC5 Datasheet HTML 24Page - Clarke International SFEC5 Datasheet HTML 25Page - Clarke International SFEC5 Datasheet HTML 26Page - Clarke International SFEC5 Datasheet HTML 27Page - Clarke International SFEC5 Datasheet HTML 28Page - Clarke International SFEC5 Datasheet HTML 29Page - Clarke International SFEC5 Datasheet HTML 30Page - Clarke International SFEC5 Datasheet HTML 31Page - Clarke International SFEC5 Datasheet HTML 32Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
3. Cover the pressure washer with a suitable cover that does not retain moisture
such as a plastic or plastic coated tarpaulin.
4. Let the pressure washer cool before covering it.
5. Store the pressure washer in a clean and dry area.
6. DO NOT let the pressure washer freeze.
RECOMMENDATION
It is recommended that you follow these steps to protect the internal seals of the
pressure washer when storing the unit for more than 30 days and/or when freezing
temperatures are expected.
1. Obtain a funnel, 6oz (175ml) of Recreational Vehicle (RV) antifreeze (ethanol and
propylene glycol) and approximately 36 inches of garden hose with a male hose
connector on one end.
2. Disconnect the spark plug. Ensure the cap cannot touch any metal on the
pressure washer.
3. Connect the 36 inch length of garden hose to the water inlet of the pressure pump
and place the funnel at the other end.
4. Add the RV antifreeze to the funnel and hose.
5. Pull the engine starter handle slowly several times until the antifreeze comes out
of the pressure hose connection of the pump.
6. Remove the hose from the water inlet of the pump.
7. Reconnect the spark plug.
WARNING: USE ONLY RV ANTIFREEZE (ETHANOL AND PROPYLENE
GLYCOL). ANY OTHER TYPE OF ANTIFREEZE IS CORROSIVE AND
CAN DAMAGE THE PRESSURE PUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com