Electronic Components Datasheet Search
  English  ▼

X  

GWH4 Datasheet(PDF) 34 Page - Clarke International

Part # GWH4
Description  MIG/MMA/TIG INVERTER WELDER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GWH4 Datasheet(HTML) 34 Page - Clarke International

Back Button GWH4 Datasheet HTML 30Page - Clarke International GWH4 Datasheet HTML 31Page - Clarke International GWH4 Datasheet HTML 32Page - Clarke International GWH4 Datasheet HTML 33Page - Clarke International GWH4 Datasheet HTML 34Page - Clarke International GWH4 Datasheet HTML 35Page - Clarke International GWH4 Datasheet HTML 36Page - Clarke International GWH4 Datasheet HTML 37Page - Clarke International GWH4 Datasheet HTML 38Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
34
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TIG WELDING
Before TIG welding you must obtain the correct torch and a gas cylinder of 100%
pure Argon. (see page 45)
To prepare the machine for TIG welding, adopt the following procedure.
1. Plug the work clamp lead in to the +ve terminal, and secure the work clamp to the
workpiece.
2. Connect the torch to the -ve terminal
• For good contact, the work clamp must be attached to clean bare metal.
Clean with a wire brush where necessary.
3. Ensure the electrode at the torch nozzle, protrudes by 4 - 5mm. Also ensure that
the electrode is sharply pointed with an angle of 40o- 60o if it is not, grind it to
shape.
4. Set the welding current for the thickness of the material to be welded and the size
of tungsten electrode to be used.
5. If the machine stops at any time and the Error Code E19 is displayed, the thermal
overload has intervened. Wait until the welder has cooled sufficiently before
restarting work.
6. Cover your face with the head shield, bring the torch to within 3-4mm of the work,
and at an angle of 40-60o so that the ceramic nozzle gently touches the work
surface..
7. Scratch the tip of the electrode against the piece to be welded, as soon as the
welding arc starts, remove the electrode to a distance of 3-4 mm, and continue
the weld. (See notes below).
• This method is referred to as ‘Scratch Arc’.
8. To stop welding remove the torch from the workpiece.
9. Turn off the gas as soon as you finish welding.
Notes
• To avoid a visible strike mark on the surface of the workpiece it is advisable
to strike the arc in the joint where the mark will be concealed by the weld.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com